PART |
Description |
Maker |
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
309URA160 301U200 309URA250 301UA160 301UA200 301U |
2500V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1600V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 1200V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 2000V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 330A Std. Recovery Diode in a DO-205AB (DO-9)package From old datasheet system FILTER CERAMIC 915MHZ SMD STANDARD RECOVERY DIODES 标准恢复二极 330 A, 1600 V, SILICON, RECTIFIER DIODE, DO-205AB DIODE 330 A, 2000 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode
|
http:// IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
25FR120 25FR120M A25FR120 A25FR120M 25FR100 25FR10 |
100V 25A Std. Recovery Diode in a DO-203AA (DO-4)package From old datasheet system 800V 25A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARDRECOVERYDIODES 400V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 标准恢复二极 STANDARD RECOVERY DIODES
|
IRF[International Rectifier] InternationalRectifier
|
97PFR120W 95PF120 95PF120W 95PFR120W 97PF120 97PF1 |
DIODE 95 A, 800 V, SILICON, RECTIFIER DIODE, DO-203AB, PLASTIC, DO-5, 1 PIN, Rectifier Diode STANDARD RECOVERY DIODES GEN II DO5
|
Vishay Semiconductors IRF[International Rectifier]
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
SD170OC45K |
Standard recovery diode
|
International Rectifier
|
SD300OC08K |
Standard recovery diode
|
International Rectifier
|
25FR-10 25FR-100 25FR-120 25FR-20 25FR-40 25FR-60 |
STANDARD RECOVERY DIODE
|
TRANSYS Electronics Limited TRANSYS Electronics Lim...
|
D1400B |
STANDARD RECOVERY DIODE
|
Nell Semiconductor Co., Ltd
|
SD700C40L SD700C36L SD700C30L SD700C SD700C45L |
STANDARD RECOVERY DIODE
|
TRANSYS Electronics Limited
|
DS1107SG DS1107SG3636 DS1107SG3838 DS1107SG4040 |
STANDARD RECOVERY DIODE
|
Insel Rectifier India P...
|